Part Number Hot Search : 
F14468 ZD5242B 92315 D9003 1615A SFH460 C68HC KSR231
Product Description
Full Text Search
 

To Download AH1801-SNG-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AH1801
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
Features
* * * * * Micropower operation Operation with North or South Pole 2.5V to 5.5V battery operation Inverted Output-on without Magnet present Chopper stabilized * Superior temperature stability * Extremely Low Switch-Point Drift * Insensitive to Physical Stress Good RF noise immunity -40C to 85C operating temperature Low profile 3 pin SC59 (commonly known as SOT23 in Asia) and DFN2020-3, DFN2020-6 package ESD (HBM) 5KV for DFN2020-3 and DFN2020-6 6KV for SC59 SC59, DFN2020-3 and DFN2020-6: Available in "Green" Molding Compound (No Br, Sb) Lead Free Finish / RoHS Compliant (Note 1)
General Description
AH1801 is a Micropower, Ultra-sensitive Hall Effect Switch, which is with two Hall effect plates and a output driver, mainly designed for battery-operation, hand-held equipment (such as Cellular and Cordless Phone, PDA). The total operation power is down to 24uW in the 3V supply. Either north or south pole of sufficient strength will turn the output off. The output will be turned on under no magnetic field. While the magnetic flux density (B) is larger than operate point (Bop), the output will be turned off, the output is held until B is lower than release point (Brp), then turned on.
* * * * * *
Applications
* * * Cellular phone PDA Cordless phone
Ordering Information
AH1801 - XX G - 7
Package W : SC59 FJ : DFN2020-3 SN : DFN2020-6
Device AH1801-WG-7 AH1801-FJG-7 AH1801-SNG-7
Notes:
Green
Packing 7 : Tape & Reel
G : Green
Package Code W FJ SN
Packaging (Note 2) SC59 DFN2020-3 DFN2020-6
7" Tape and Reel Quantity Part Number Suffix 3000/Tape & Reel -7 3000/Tape & Reel -7 3000/Tape & Reel -7
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at http://www.diodes.com/products/lead_free.html. 2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
AH1801 Rev. 7
1 of 10 www.diodes.com
FEBRUARY 2009
(c) Diodes Incorporated
AH1801
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
Pin Assignment
(1) SC59 (2) DFN2020-3
( Top View )
( Top View ) 2. Output GND 3. 1. Vdd
3. GND
1. Vdd
(3) DFN2020-6
3. Output
( Top View ) 6. NC 5. GND 4. NC
1. Vdd
Notes:
2. NC
3. Output
3. NC is "No Connection", which is recommended to be tied to ground.
Pin Descriptions
Pin Name Vdd GND Output NC P/I/O P/I P/I O Description Power Supply Input Ground Output Pin No Connected
AH1801 Rev. 7
2 of 10 www.diodes.com
FEBRUARY 2009
(c) Diodes Incorporated
AH1801
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
Block Diagram
1
Power switch Offset Cancelling Offset Cancelling Hall Plate Output Amp Latch Vdd
3
Logical GND
2
Hall Plate Amp Latch
Typical Circuit
2.5~5.5V
RL C AH1801 GND Output
Notes:
4. C is for power stabilization and to strengthen the noise immunity, the recommended capacitance is 10nF~100nF. RL is the pull-up resistor, the recommended resistance is 10K~100K.
AH1801 Rev. 7
3 of 10 www.diodes.com
FEBRUARY 2009
(c) Diodes Incorporated
AH1801
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
Absolute Maximum Ratings
Symbol Vdd B Ts PD TJ
(at TA = 25C)
Characteristics Supply voltage Magnetic flux density Storage Temperature Range Package Power Dissipation Maximum Junction Temp SC59 DFN2020-3 DFN2020-6
Values 7 Unlimited -65 to +150 230 150
Unit V C mW C
Recommended Operating Conditions
Symbol Vdd TA Parameter Supply Voltage Operating Temperature Range
(TA = 25C)
Conditions Operating Operating
Rating 2.5~5.5 -40 to +85
Unit V C
AH1801 Rev. 7
4 of 10 www.diodes.com
FEBRUARY 2009
(c) Diodes Incorporated
AH1801
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
Electrical Characteristics
Symbol Vout Ioff Idd(en) Characteristic Output On Voltage Output Leakage Current
(TA = +25C, Vdd = 3V; unless otherwise specified)
Conditions Iout = 1mA Vout = 5.5V, Output off Chip enable, TA = 25C, Vdd = 3V Chip enable, TA = -40~85C, Vdd = 2.5~5.5V Chip disable, TA = 25C, Vdd = 3V Chip disable, TA = -40~85C, Vdd = 2.5~5.5V Average supply current, TA = 25C, Vdd = 3V Average supply current, TA = -40~85C, Vdd = 2.5~5.5V (Note 5) (Note 5)
Min -
Typ 0.1 <0.1 3 3 5 5 8 8 75 75 0.1
Max 0.3 1 6 9 10 18 16 27 150 150 -
Unit V A mA mA A A A A s ms %
Idd(dis)
Supply Current
Idd(avg) Tawake Tperiod D.C.
Notes:
Awake Time Period Duty Cycle
5. When power is initially on, the operating Vdd (2.5V to 5.5V) must be applied to be guaranteed for the output sampling. The output state is valid after the second operating phase (typical 150ms).
Tperiod Tawake Idd(en)
Idd (dis) 0
Sample and output latched
AH1801 Rev. 7
5 of 10 www.diodes.com
FEBRUARY 2009
(c) Diodes Incorporated
AH1801
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
Magnetic Characteristics
Symbol Bops(south pole to brand side) Bopn(north pole to brand side) Brps(south pole to brand side) Brpn(north pole to brand side) Bhy( Bopx - Brpx )
Notes:
(TA = 25C, Vdd = 3V) (1mT=10 Gauss) Max Unit 60 -10 -
Characteristic Operate Point Release Point Hysteresis
Min -60 10 -
Typ 40 -40 30 -30 10
Gauss
6. Typical data is at TA=25 C, Vdd=3V, and for design information only. 7. Operate point and release point will vary with supply voltage and operating temperature.
Output ( Voltage )
( off-state ) Turn off
Turn off
Turn Turn on on
( on-state )
-B
Bopn Brpn
Brps Bops
+B
Magnetic
Performance Characteristics
(1) SC59 / DFN2020-3 /DFN2020-6 TA (C) PD (mW) 25 230
P D (m W )
50 184
60 166
70 147
80 129
85 120
90 110
100 92
110 74
120 55
130 37
140 18
150 0
P o w e r D is s ip a tio n C u rv e
300
200 100
0 0 25 50 75
85
100
125
150
T A ( C )
AH1801 Rev. 7
6 of 10 www.diodes.com
FEBRUARY 2009
(c) Diodes Incorporated
AH1801
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
Marking Information
(1) SC59
( Top View )
XX Y W X
XX : Identification code Y : Year 0~9 W : Week : A~Z : 1~26 week; a~z : 27~52 week; z represents 52 and 53 week X : A~Z : Green
Part Number AH1801
Package SC59
Identification Code KB
(2) DFN2020-3
( Top View ) XX YWX Pin 1 indicator XX : Identification Code Y : Year : 0~9 W : Week : A~Z : 1~26 week; a~z : 27~52 week; z represents 52 and 53 week X : A~Z : Green
Part Number AH1801
Package Identification Code DFN2020-3 K1
(3) DFN2020-6
( Top View ) XX YWX Pin 1 indicator XX : Identification Code Y : Year : 0~9 W : Week : A~Z : 1~26 week; a~z : 27~52 week; z represents 52 and 53 week X : A~Z : Green
Package Identification Code DFN2020-6 KB
Part Number AH1801
AH1801 Rev. 7
7 of 10 www.diodes.com
FEBRUARY 2009
(c) Diodes Incorporated
AH1801
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
Package Information
(All Dimensions in mm)
(1) SC59 (commonly known as SOT23 in Asia)
0.35/0.50
1.50/ 1.70
TOP VIEW
2.70/ 3.00
1.90 2.90/3.10 1.00/ 1.30 0.10/0.20
0.013/0.10
0.95
0.35/0.55 0/8
(2) DFN2020-3
0.57/0.63 Typ 0.60
0.10 C 0.08 C
0.13Max.
Seating plane
0/0.05
C L
C
1.95/2.075
R0 .2
0.8/1.0
C L
2x-
0.25 B 0.10M C A B
0.2/0.3
1.1/1.3 1.95/2.075
0.25 A
Bottom View
AH1801 Rev. 7
2x
8 of 10 www.diodes.com
0.138(Ref.) 0.325(Ref.)
A
0.35/0.45
B
0.5Typ
Sensor location
FEBRUARY 2009
(c) Diodes Incorporated
AH1801
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
Package Information
(3) DFN2020-6
0.57/0.63
(Continued)
Marking
0.05 C 0.15max. (Active area depth) Seating plane C 1.95/2.075 1.45/1.65
0.08 C 0/0.05 0.15 C
2x
Pin#1 ID B
0.43mon. A Sensor location 0.2/0.3 0.30/0.40 0.05 M C A B
1.95/2.075
0.76/0.96
R0 .1
2x-
0.15 C 0.65nom. Bottom View
AH1801 Rev. 7
9 of 10 www.diodes.com
FEBRUARY 2009
(c) Diodes Incorporated
AH1801
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
Taping Orientation
(1) DFN2020-3 and DFN2020-6
Notes:
8. The taping orientation of the other package type can be found on our website at http://www.diodes.com/datasheets/ap02007.pdf.
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
AH1801 Rev. 7
10 of 10 www.diodes.com
FEBRUARY 2009
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of AH1801-SNG-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X